Part Number Hot Search : 
RAC324D TC4066 5F212 1KAB05E AD600A STV6434D LC66354V SNC11205
Product Description
Full Text Search
 

To Download APBA3010SRSGW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apba3010srsg#1 kingbright ? notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .1(0.004") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subjected to change without notice. 3.0x1.0mm smd chip led lamp features ! 3.0mmx1.0mm smt led, 2.0mm thickness. ! low power consumption. ! wide viewing angle. ! ideal for backlight and indicator. ! various colors and lens types available. description the super bright green source color devices are made with gallium phosphide green light emitting diode. the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. APBA3010SRSGW package dimensions
kingbright ? apba3010srsg#2 selection guide note: 1 . 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pd e r t h g i r b r e p u sd e r t h g i r b r e p u s d e r t h g i r b r e p u s d e r t h g i r b r e p u sd e r t h g i r b r e p u sn e e r g t h g i r b r e p u sn e e r g t h g i r b r e p u s n e e r g t h g i r b r e p u s n e e r g t h g i r b r e p u sn e e r g t h g i r b r e p u ss t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p0 0 15 0 1w m t n e r r u c d r a w r o f c d0 35 2a m ] 1 [ t n e r r u c d r a w r o f k a e p0 5 10 5 1a m e g a t l o v e s r e v e r55v e r u t a r e p m e t e g a r o t s / g n i t a r e p o 0 4 - 5 8 + o t c c ] 2 [ e r u t a r e p m e t g n i r e d l o s d a e l 0 6 2 s d n o c e s 5 r o f c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 4mm below package base. absolute maximum ratings at t a =25 c l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e p d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s 0 6 6 5 6 5 m na m 0 2 = f i ? 2 / 1 h t d i w f l a h e n i l l a r t c e p s d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s 0 2 0 3 m na m 0 2 = f i ce c n a t i c a p a c d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s 5 9 5 4 f pz h m 1 = f ; v 0 = f v v f e g a t l o v d r a w r o f d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s 5 8 . 1 2 . 2 5 . 2 5 . 2 va m 0 2 = f i i r t n e r r u c e s r e v e rl l a0 1a uv 5 = r v electrical / optical characteristics at t a =25 c . o n t r a pe c i de p y t s n e l ) d c m ( v i a m 0 2 @ g n i w e i v e l g n a . n i m. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 w g s r s 0 1 0 3 a b p a ) s a l a a g ( d e r t h g i r b r e p u s d e s u f f i d e t i h w 0 40 7 0 4 1 ) p a g ( n e e r g t h g i r b r e p u s 86 1
apba3010srsg#3 kingbright ? APBA3010SRSGW super bright green
kingbright ? apba3010srsg#4 super bright red APBA3010SRSGW reflow soldering instructions
apba3010srsg#5 kingbright ? APBA3010SRSGW tape specifications (units : mm)


▲Up To Search▲   

 
Price & Availability of APBA3010SRSGW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X